Part Number Hot Search : 
PHE850 EA87FL30 2SC5964 FMMT723 NC7WZ08 2305318 0A60T WD1935A
Product Description
Full Text Search
 

To Download LTN121X1-L01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Information
SAMSUNG TFT-LCD SAMSUNG TFT-LCD
MODEL NO. :: LTN121X1-L01 MODEL NO. LTN121X1-L01
SAMSUNG ELECTRONICS CO. LTD.
Doc.No.
LTN121X1-L01
Rev.No
04-003-G-001208
Page
1
/6
GENERAL DESCRIPTION
DESCRIPTION
LTN121X1-L01 is a color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as a switching devices. This model is composed of a TFT LCD panel, a driver circuit and a backlight system. The resolution of a 12.1" contains 1,024 x 768 pixels and can display up to 262,144 colors. 6 O'clock direction is the Optimum viewing angle.
FEATURES
* Thin and light weight * High contrast ratio * XGA ((1024x768) pixels) resolution * Low power consumption * DE (Data enable) only mode. * 3.3V LVDS (FPD Link) Interface with 1 pixel / clock
APPLICATIONS
* Notebook PC and desktop monitors * Display terminals for AV application products * Monitors for Industrial machine * If the usage of this product is not for PC application, but for others, please contact SEC
Doc.No.
LTN121X1-L01
Rev.No
04-003-G-001208
Page
2
/6
GENERAL INFORMATION
ITEM Display area Driver element Display colors Number of pixel Pixel arrangement Pixel pitch Display Mode Surface treatment SPECIFICATION 245.76(H)X184.32(V) (12.1"diagonal) a-Si TFT active matrix 262,144 1024 x 768 RGB vertical stripe 0.240(H) x 0.240(V) (TYP.) Normally white HAZE (25), HARD-COATING (3H) pixel mm UNIT mm NOTE
Mechanical Information
ITEM Horizontal (H) Module size (mm) Vertical (V) Depth (D) Weight MIN. 260.5 198.5 4.9 TYP. 261.0 199.0 5.2 380 MAX. 261.5 199.5 5.5 396 NOTE
mm mm mm g
Doc.No.
LTN121X1-L01
Rev.No
04-003-G-001208
Page
3
/6
INPUT Interface Connection
LVDS
Connector : DF-19L-20P-1H(Hirose)
PIN NO 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
SYMBOL VDD1 VDD2 GND1 GND2 RxIN0RxIN0+ GND3 RxIN1RxIN1+ GND4 RxIN2RxIN2+ GND5 RxCLKINRxCLKIN+ GND6 NC NC GND7 GND8
FUNCTION POWER SUPPLY +3.3V POWER SUPPLY +3.3V GROUND GROUND LVDS Differential Data INPUT LVDS Differential Data INPUT GROUND LVDS Differential Data INPUT LVDS Differential Data INPUT GROUND LVDS Differential Data INPUT LVDS Differential Data INPUT GROUND LVDS Differential Data INPUT LVDS Differential Data INPUT GROUND No Connection No Connection GROUND GROUND
POLARITY
REMARK
Negative Positive
R0~R5 G0
Negative Positive
G1~G5 B0~B1
Negative Positive
B2~B5,DE Hsync,Vsync
Negative Positive
Doc.No.
LTN121X1-L01
Rev.No
04-003-G-001208
Page
4
/6
BACK-LIGHT UNIT
The backlight system is an edge - lighting type with a single CCFT.
_ Ta = 25 + 2 oC
ITEM Lamp Current Lamp frequency
SYMBOL IL FL
MIN. 3.0 50
MAX. 6.5 60
UNIT mArms kHz
NOTE (1) (1)
Note 1) Permanent damage to the device may occur if maximum values are exceeded Functional operation should be restricted to the conditions described under normal operating condition
HOT : (PINK)
LCD MODULE
1 2 A
COLD : (WHITE) SEM SIC-130T
INVERTER
Switching Frequency : 50 ~ 60KHz
Connector : JST BHSR - 02VS -1 Mating Connector : SM02B-BHSS-1(JST)
BACKLIGHT CONNECTOR PIN CONFIGURATION Pin NO.
1 2
Symbol
HOT COLD
Color
Pink White
Function
High Voltage Ground
Doc.No.
LTN121X1-L01
Rev.No
04-003-G-001208
Page
5
/6


▲Up To Search▲   

 
Price & Availability of LTN121X1-L01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X